PART |
Description |
Maker |
PCA80C31BH3-16P PCA80C31BH3-16WP PCB80C51BH-5H PCB |
10/100/1000 SECURE TERMNLSERV 8 PT RS232 RJ SFP/1250 EXT DIAGNOSTIC MM-850-LC, 500M, KPT45492-182 KPT07A12-10SW with pc contacts CMOS single-chip 8-bit microcontrollers 8-BIT, OTPROM, 12 MHz, MICROCONTROLLER, PQCC44 CMOS single-chip 8-bit microcontrollers 8-BIT, UVPROM, 12 MHz, MICROCONTROLLER, CDIP40
|
http:// Philips Semiconductors NXP Semiconductors N.V.
|
C505C SAFC505C-2RM SABC505C-LM SAFC505C-LM SAKC505 |
8-Bit Microcontrollers - General Description: The C505C enhances the C500 family of 8-bit Microcontrollers by a new member which provides full CAN version 2.0 B integrated on-chip. The C505C meets the current requirements for increasingly
|
Infineon
|
PIC16F87X01 P16F877 PIC16LF873 PIC16F876-20I/SOD85 |
8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO28 0.300 INCH, PLASTIC, MS-013, SO-28 (PIC16LF87x) 8-Bit CMOS Flash Microcontrollers DMOS MICROSTEPPING DRVR W/TRANSLATOR 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP44
|
HIROSE ELECTRIC Co., Ltd. Microchip Technology Inc. http://
|
LPC2378FBD144 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
SABC165-L25F SABC165-L25FCA SABC165-L25FHA SABC165 |
16-Bit Microcontrollers - 16-Bit microcontroller (25MHz) 16-Bit Microcontrollers - 16-Bit microcontroller (20 Mhz)
|
Infineon
|
LPC2144FBD64 LPC2148FBD64 LPC2141 LPC2141FBD64 LPC |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
|
NXP Semiconductors
|
LPC2368FET100518 LPC2364FET100518 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA100
|
NXP Semiconductors N.V.
|
SAK-TC1765T-L40EB SAK-TC1765N-L40EB |
32-Bit Microcontrollers - incl. OCDS 2 trace port 32-Bit Microcontrollers - OCDS Level 1
|
Infineon
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
|